Part Number Hot Search : 
U1FWJ44M AA1WA OPB704 NTUD3170 40309 MMP7010 P6SMBJ15 0465R
Product Description
Full Text Search
 

To Download MBRF25100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF2535CT - MBRF25150CT
Isolated 25.0 AMPS. Schottky Barrier Rectifiers ITO-220AB
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260 oC/10 seconds,0.25"(6.35mm)from case
Mechanical Data
Cases: ITO-220AB molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in-lbs. Max. Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
o
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum W orking Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at o TC =130 C Total device Per Leg Peak Repetitive Forward Current Per leg (Rated V R , o Square W ave, 20KHz) at Tc=130 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) o IF=12.5A, Tc=25 C o IF=12.5A, Tc=125 C o IF=25A, Tc=25 C o IF=25A, Tc=125 C Maximum Instantaneous Reverse Current o @ Tc=25 C at Rated DC Blocking Voltage Per Leg o @ Tc=125 C Voltage Rate of Change, (Rated VR ) Typical Junction Capacitance RMS Isolation Voltage (MBRF Type only) from Terminals to Heatsink with t=1.0 second, RH30% Maximum Thermal Resistance Per Leg (Note 3) Operating Junction Temperature Range Storage Temperature Range
Notes:
Symbol MBRF MBRF MBRF MBRF MBRF MBRF MBRF Units 2535 2545 2550 2560 2590 25100 25150 V RRM V RMS V DC I(AV) IFRM IFSM IRRM VF
1.0
0.82 0.73 0.75 0.65
CT
35 24 35
CT
45 31 45
CT
50 35 50
CT
60 42 60
CT
90 63 90
100 70 100
CT
150 105 150
CT
V V V A A A
25 12.5 25 200 0.5
0.85 0.75 0.92 0.88 0.95 0.92 1.02 0.98
A V
IR dV/dt
Cj
0.2 15 580
0.2 10 1,000 4500 (Note 4) 3500 (Note 5) 1500 (Note 6) 8.0 1.0 -65 to +150 -65 to +175
0.1 7.5
0.1 5
480
mA mA V/uS pF V
o
V ISO
R JA R JC TJ TSTG
C/W
o o
C C
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4"x6"x0.25") Al-Plate. 4. Clip Mounting (on case), where lead does not overlap heatsink with 0.110" offset. 5. Clip Mounting (on case), where leads do overlap heatsink. 6. Screw Mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19").
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MBRF2535CT THRU MBRF25150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
30 250
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
24
225
200
18
175
12
150
6
RESISTIVE OR INDUCTIVE LOAD
125
0
0
50
100
o
150
100 1
10 NUMBER OF CYCLES AT 60Hz
100
CASE TEMPERATURE. ( C)
40
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
10
10
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=150 0C
Pulse Width=300 s 1% Duty Cycle
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=125 0C 1
1 Tj=25 0C
Tj=25 0C 0.1
0.1
0.01
MBRF2535CT-MBRF2545CT MBRF2550CT & MBRF2560CT MBRF2590CT & MBRF25150CT 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 0.001 0 20 40
MBRF2535CT-MBRF2545CT MBRF2550CT-MBRF25150CT 60 80 100 120 140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
5,000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
MBRF2535CT-MBRF2560CT MBRF2590CT-MBRF25150CT
JUNCTION CAPACITANCE.(pF)
2,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
10.0
1,000
500
1
200
100 0.1 0.5 1 5 10 50 100 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: A06


▲Up To Search▲   

 
Price & Availability of MBRF25100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X